PART |
Description |
Maker |
22-66-3189 22-66-3249 22-10-7218 22-66-3160 22-66- |
MS (MIL-C-5015) SERIES 97 3106B SPLIT SHELL STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-18 INSERT ARRANGEMENT, PLUG GENDER, 8 CONTACTS KK 100 Hdr Flat Vert 24 Ckt Gold 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 16 Ckt Gold 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 28 Ckt Gold 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 25 Ckt Tin 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 26 Ckt Gold 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 27 Ckt Gold 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22662030 KK 100 Hdr Flat Vert 20 Ckt Gold KK 100 Hdr Flat Vert 22 Ckt Gold
|
Amphenol, Corp. Molex, Inc. MOLEX INC
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
22-03-2072 22-10-4088 22-03-2122 22-03-2172 22-10- |
KK 100 Hdr Flat Vert Tin 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 30 Au 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 17Ckt 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 6Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
26-48-5042 |
KK 156 Hdr Assy RtAn Bkwy 04 ckt 20 Gold 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-28-6353 22-28-6293 |
KK 100 Hdr Assy RA Bkwy 35 Ckt 15 SGold 35 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy RA Bkwy 29 Ckt 15 SGold 29 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-48-1082 26-48-1192 26-48-2192 26-48-2052 26-48- |
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 19 ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 19 ckt 20 Gold 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 05 ckt 20 Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 21 ckt Tin 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 6 ckt Tin 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Series:KK; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Bkwy 7 ckt Tin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,PC TAIL Terminal
|
Molex, Inc. MOLEX INC
|
68312-2028 68312-2023 |
Custom Hdr 100 Dual Row/Body 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER .100 DR DB Vert PIN 30 SAu 12 Ckt 12 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Molex, Inc.
|
43915-1218 43915-1118 43915-1211 43915-1104 43915- |
MF Sr Hdr Assy DR 250 Vt 10 Ckt SGold 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 250 Vt 10 Ckt Tin 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 125 Vt 06 Ckt SGold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER,12 POS, DUAL ROW, VERT,30A 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 439151207 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
44914-1803 44914-2403 44914-2401 44914-2203 44914- |
MicroFit 3.0 Hdr Vert CPI 18 ckt 641 18 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 24 ckt 641 24 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 24 ckt 121 24 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 22 ckt 641 22 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 22 ckt 121 22 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 16 ckt 640 16 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 12 ckt 641 12 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 20 ckt 641 20 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT Micro Fit 3.0 Hdr Vert CPI 6 ckt 121 6 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Hdr Vert CPI 8 ckt 640 8 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
MOLEXINC-42892-0109 26-60-7050 |
KK 156 Hdr FrLk RtAn Peg 05 Ckt Tin
|
MOLEX INC
|
41791-0848 41791-0894 41791-0897 41791-0842 41791- |
KK 156 Hdr Assy FrLk 18 Ckt 15 SGold 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 04 Ckt 15 SGold 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt 15 SGold 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 417910842 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 417910836 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 03 Ckt 15 SGold 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 05 Ckt 15 SGold 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 11 Ckt 30 SGold
|
Molex, Inc. MOLEX INC
|
22-20-2083 22-19-2054 MOLEXINC-22-20-2053 22-20-22 |
KK 100 HDR RTAN 8CKT TIN 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR RTAN 5CKT GOLD 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|